Part Number Hot Search : 
B476K50 TA7523S E002614 TZMC24 15ARU XP5A554 FERA20D VUO120
Product Description
Full Text Search
 

To Download NE3509M04-T2-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary product information l to s band low noise amplifier n-channel hj-fe t features - super lo w noise figure & associated gain : nf = 0.4db typ. ga = 17.5db typ. @f = 2gh z , vds = 2v,id = 10ma - flat-lead 4-pin tin-t y pe super mi ni-mold(m04) package (pb-free t. ) applications - satellite radio(sdars, dmb, etc.) antenna lna - gps antenna lna - lna for micro- w a v e communication s y stem ordering information p a rt numb er ord e r numb er qu a n tit y m a r k ing suppl y i ng form n e 3509m04 n e 3509m04- a 50 p cs (n on ree l ) ne3509m04- t 2 ne3509m04- t 2 - a 3 k p cs/reel v8 0 - 8 mm w i d e em bo ss t a ping - pin1(source), pin2(drain) face t h e p e rf o r ati on si d e o f t h e ta p e re m ark to order evaluation samples, please c ontact your local nec sales office. part number for sample order: ne3509m04 absolute maximum ratings ( t a =+ 25 c ) p a r a meter symbol r a tings unit v e g a t l o v e c r u o s o t n i a r d ds v 0 . 4 v e g a t l o v e c r u o s o t e t a g g s v 0 . 3 - i t n e r r u c n i a r d d i dss a m 0 0 2 g i t n e r r u c e t a g a tot a l po w e r di ss i p a tion p t o t not e w m 0 5 1 t e r u t a r e p m e t l e n n a h c ch + 150 c t e r u t a r e p m e t e g a r o t s st g - 65 t o + 150 c note mounted on 1.08c m 2 x 1.0mm(t) glass epo x y pcb caution : obser v e precautions w h en handling because these de v ices are sensiti v e to electrostatic discharge . h ete r o junc tio n fiel d effe c t t ran sisitor ne3509m04 d o cu m ent n o . p*****ej0v0p m 00 ( 10 t h edi t ion ) ? nec compound sem i conducto r de v i ces 200 5 date published october 2005 cp(k) the in formation in this document is subject to change without notice. before using this document, please confirm that this is the latest version.
ne3509m04 recommended operating conditions(ta = +25 c ) parameter symbol min. typ. max. unit dra i n t o s ou r ce v o lt a g e v ds --- 2 3 v i t n e r r u c n i a r d d --- 10 20 m a m b d 0 - - - - - - n i p r e w o p t u p n i electrical characteristics t a = + 25 c ) parameter symbol test condition s min. typ. max. unit gate t o s ou r ce l eak c u rre n t i g s o v g s =-3v --- 0.5 10 u a s a tur a t e d dr a i n curr e nt i dss v ds = 2 v , v g s = 0v 30 45 60 m a gate to source cutoff voltage v gs(off ) v ds = 2 v , i d = 5 0 a -0.35 -0.5 -0.65 v tr a n s c ondu c t a n ce gm v ds = 2 v , i d =10m a 80 --- --- ms b d 8 . 0 4 . 0 - - - f n e r u g i f e s i o n a ss o ciate d gai n ga v ds = 2 v , i d = 10m a f 2ghz 14 . 5 17 . 5 --- d b output po w e r at 1db gain c o m p ress i on p o i n t po (1 d b ) v ds = 2 v, i d = 10m a ( n on - r f ) f 2ghz --- 11 --- dbm the information in this document is subject to change w ithout notice. prelimin a r y product inform a t ion
n e 3509m0 4 typical characteristics t a = + 25 c ) note) under examination mounted on glass epo xy pcb (1.08 c m 2 x 1.0 mm ( t) ) d r a i n c u r r e n t v s . g a t e t o s o u r c e v o l t a g e 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 4 5 5 0 - 1 . 0 - 0 . 9 - 0 . 8 - 0 . 7 - 0 . 6 - 0 . 5 - 0 . 4 - 0 . 3 - 0 . 2 - 0 . 1 0 . 0 g a t e t o s ou r c e v o l t age v g s ( v ) d r a i n c u rr e nt i d ( m a ) v d s = 2 v 0 1 2 3 4 5 20 40 60 80 100 drain to source voltage vds (v) drain current id (ma) v g s = 0 v - 0.1 v - 0.2 v - 0.3 v 0 - 0.4 v drain current vs. drain to source voltage m i n i m u m n o i se f i g u r e , ass o c i a t e d g a i n v s . f r e q u e nc y 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 0 5 1 0 1 5 f r equen c y ( g h z ) m i n i m u m n o i s e f i gu r e n f m i n ( d b ) 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 a ss o c i a t ed g a i n g a ( d b ) v d s = 2 v , i d = 10 m a n f m i n g a m i n i m u m n o i se f i g u r e , ass o c i a t e d g a i n v s . dr e i n c urr e n t 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 0 1 0 2 0 3 0 4 0 d r e i n c u rr e n t i d ( m a ) m i n i m u m n i o s e f i gu r e n f m i n ( d b ) 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 a s s o c i a t ed g a i n g a ( d b ) n f m i n g a f = 2 . 0 g h z , v d s = 2 v m i n i m u m n o i se f i g u r e , ass o c i a t e d g a i n v s . d r e i n t o s o u rc e v o l t a g e 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 1 . 0 1 . 5 2 . 0 2 . 5 3 . 0 3 . 5 d r e i n t o s ou r c e v o l t age v d s ( v ) m i n i m u m n i o s e f i gu r e n f m i n ( d b ) 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 a s s o c i a t ed g a i n g a ( d b ) n f m i n g a f = 2 . 0 g h z , i d s = 10 m a - 0.5 v
n e 3509m0 4 reference data - 8 0 - 7 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 -2 5 - 2 0 - 1 5 - 1 0 - 5 0 5 1 0 1 5 p in ( d b m ) p o ut ( d b m ) 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 4 5 5 0 i d ( m a ) po u t ( 2 t o ne ) i m 3 l i m 3 h i d @ f=2.4ghz , vds=2v , id=10ma ( non-r f ) m i n i m u m n o i se f i g u r e , ass o c i a t e d g a i n v s . dr e i n c urr e n t 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 0 1 0 2 0 3 0 4 0 d r e i n c u r r en t i d ( m a ) m i n i m u m n i o s e f i gu r e n f m i n ( d b ) 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 a s s o c i a t ed g a i n g a ( d b ) n f m i n g a f = 2 . 5 g h z , v d s = 2 v m i n i m u m n o i se f i g u r e , ass o c i a t e d g a i n v s . dr e i n t o s o u rc e v o l t a g e 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 1 1 . 5 2 2 . 5 3 3 . 5 d r e i n t o s ou r c e v o l t age v d s ( v ) m i n i m u m n i o s e f i gu r e n f m i n ( d b ) 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 a s s o c i a t ed g a i n g a ( d b ) n f m i n g a f = 2 . 5 g h z , i d s = 10 m a
n e 3509m0 4 package dimensions flat-lead 4-pin thin super mini-mold uni t m m pin connections 1. source 2. drain 3. source 4. gate 1.25 (1.05) 1.3 2 .0 0.1 3 4 2 1 ( t o p vie w ) ( bottom vie w ) v80
ne3509m04 mounting pad dimensions fl a t - l e ad 4 -p i n thin-type super m i n i m o l d ( m 04 ) p ackage (unit: mm) 0. 6 1. 3 1.2 5 0. 6 0. 5 1. 6 ( reference onl y ) 2 3 1 4
reference data ne3509m04 s-parameter vds=2v id=10ma freq s11 s21 s12 s22 (ghz) mag ang mag ang mag ang mag ang 0.1 0.998 -3.1 7.095 176.9 0.004 84.8 0.543 -2.3 0.2 0.997 -6.1 7.103 174.1 0.008 87.3 0.541 -4.4 0.3 0.992 -9.1 7.072 171.2 0.012 85.9 0.539 -6.5 0.4 0.989 -12.0 7.043 168.4 0.016 83.3 0.537 -8.5 0.5 0.982 -15.0 6.994 165.5 0.020 81.7 0.534 -10.5 0.6 0.975 -18.0 6.961 162.6 0.024 79.0 0.531 -12.5 0.7 0.967 -20.8 6.913 159.9 0.028 77.7 0.527 -14.6 0.8 0.954 -24.4 6.801 156.4 0.032 75.7 0.524 -17.0 0.9 0.943 -27.7 6.703 153.3 0.036 73.9 0.521 -19.1 1.0 0.933 -30.6 6.615 150.6 0.040 72.3 0.518 -21.0 1.1 0.924 -33.2 6.535 148.0 0.043 70.8 0.515 -22.8 1.2 0.916 -35.5 6.462 145.8 0.045 69.5 0.513 -24.3 1.3 0.908 -37.7 6.395 143.7 0.048 68.3 0.511 -25.8 1.4 0.898 -40.4 6.319 141.1 0.051 67.2 0.503 -27.5 1.5 0.893 -43.0 6.256 138.5 0.054 65.4 0.493 -29.1 1.6 0.876 -45.7 6.189 136.0 0.057 64.3 0.488 -31.0 1.7 0.860 -48.5 6.118 133.5 0.060 62.9 0.483 -32.7 1.8 0.848 -51.4 6.032 131.1 0.063 61.1 0.475 -34.3 1.9 0.839 -54.7 5.977 128.9 0.066 59.9 0.472 -35.1 2.0 0.830 -57.5 5.897 126.6 0.069 59.2 0.465 -36.4 2.1 0.819 -59.9 5.831 124.2 0.072 58.0 0.456 -38.3 2.2 0.805 -63.0 5.752 122.0 0.074 56.7 0.452 -39.6 2.3 0.788 -65.0 5.665 119.5 0.077 55.4 0.446 -41.5 2.4 0.775 -68.1 5.602 117.4 0.079 54.5 0.437 -42.3 2.5 0.766 -69.9 5.517 115.3 0.081 53.0 0.428 -44.6 2.6 0.748 -73.0 5.444 113.0 0.084 52.0 0.421 -45.3 2.7 0.731 -76.1 5.375 111.0 0.087 51.3 0.414 -46.1 2.8 0.724 -77.4 5.280 108.9 0.088 50.3 0.406 -47.7 2.9 0.704 -80.4 5.221 106.4 0.091 48.6 0.398 -49.7 3.0 0.694 -82.5 5.144 104.5 0.093 48.0 0.391 -51.0 3.1 0.680 -84.5 5.062 102.4 0.095 46.7 0.384 -52.3 3.2 0.671 -87.9 5.001 100.6 0.097 46.3 0.379 -52.9 3.3 0.660 -89.0 4.914 98.5 0.099 45.1 0.368 -54.7 3.4 0.646 -92.1 4.850 96.6 0.101 44.3 0.366 -55.4 3.5 0.639 -95.0 4.797 94.6 0.104 43.3 0.357 -56.6 3.6 0.619 -96.1 4.711 92.7 0.104 42.6 0.349 -58.4 3.7 0.609 -98.2 4.645 91.0 0.106 41.6 0.339 -59.1 3.8 0.599 -101.3 4.581 89.0 0.108 40.7 0.335 -60.7 3.9 0.588 -103.8 4.525 87.3 0.110 40.1 0.327 -61.5 4.0 0.578 -105.3 4.454 85.3 0.112 38.9 0.321 -63.0 4.1 0.573 -107.9 4.394 83.6 0.114 38.5 0.313 -64.0 4.2 0.563 -110.3 4.337 81.7 0.116 37.4 0.307 -65.4 4.3 0.558 -112.5 4.283 80.0 0.118 36.6 0.300 -66.7 4.4 0.545 -114.4 4.219 78.4 0.119 35.8 0.294 -68.0 4.5 0.541 -117.1 4.165 76.7 0.121 35.2 0.287 -68.7 4.6 0.531 -119.2 4.109 74.8 0.122 34.4 0.280 -70.2 4.7 0.524 -121.7 4.057 73.2 0.124 33.7 0.274 -70.9 4.8 0.511 -124.0 4.005 71.5 0.126 33.0 0.268 -72.2 4.9 0.506 -126.4 3.952 69.8 0.128 32.3 0.263 -73.6 5.0 0.496 -129.3 3.894 68.0 0.130 31.4 0.256 -75.5 5.1 0.491 -131.6 3.851 66.5 0.131 30.7 0.251 -76.0 5.2 0.485 -133.5 3.798 64.8 0.133 30.0 0.244 -77.6 5.3 0.477 -136.2 3.755 63.3 0.134 29.3 0.238 -78.5 5.4 0.470 -138.3 3.709 61.8 0.136 28.4 0.233 -79.7 5.5 0.464 -140.4 3.663 60.2 0.138 28.1 0.226 -81.0 5.6 0.456 -142.9 3.621 58.7 0.139 27.2 0.221 -82.5 5.7 0.453 -144.7 3.572 57.1 0.141 26.5 0.213 -83.1
5.8 0.449 -147.4 3.530 55.6 0.142 25.9 0.208 -85.1 5.9 0.444 -150.4 3.486 54.0 0.144 25.0 0.203 -86.1 6.0 0.440 -152.4 3.451 52.5 0.146 24.3 0.197 -87.8 6.1 0.432 -154.6 3.406 51.0 0.147 23.6 0.193 -89.0 6.2 0.429 -156.8 3.365 49.5 0.148 23.1 0.186 -90.2 6.3 0.429 -159.7 3.326 48.0 0.150 22.3 0.181 -91.4 6.4 0.425 -161.6 3.294 46.5 0.152 21.7 0.175 -93.7 6.5 0.423 -164.5 3.250 45.1 0.153 21.0 0.169 -94.7 6.6 0.418 -166.6 3.215 43.7 0.154 20.4 0.164 -96.1 6.7 0.414 -168.6 3.186 42.3 0.157 19.6 0.160 -97.9 6.8 0.416 -171.1 3.146 40.8 0.158 19.1 0.153 -99.5 6.9 0.414 -173.2 3.114 39.3 0.160 18.4 0.149 -101.2 7.0 0.410 -175.8 3.081 37.9 0.161 17.5 0.144 -103.0 7.1 0.410 -177.8 3.049 36.5 0.163 17.0 0.138 -105.0 7.2 0.412 179.4 3.016 35. 0 0.164 16.3 0.133 -106.6 7.3 0.410 177.0 2.981 33. 8 0.166 15.7 0.129 -108.4 7.4 0.411 175.1 2.957 32. 3 0.167 14.9 0.126 -110.6 7.5 0.407 172.9 2.932 31. 0 0.169 14.3 0.120 -112.4 7.6 0.409 170.0 2.909 29. 4 0.171 13.6 0.119 -114.9 7.7 0.405 167.8 2.867 27. 9 0.173 12.7 0.113 -119.1 7.8 0.406 164.8 2.843 26. 4 0.173 12.0 0.108 -123.1 7.9 0.404 164.1 2.809 25. 2 0.175 11.2 0.102 -125.5 8.0 0.408 161.2 2.779 23. 6 0.177 10.5 0.096 -128.3 8.1 0.412 159.1 2.750 22. 4 0.178 9.9 0.093 -132.6 8.2 0.410 157.4 2.725 21. 2 0.180 9.0 0.089 -136.6 8.3 0.409 154.7 2.701 19. 7 0.181 8.7 0.086 -139.1 8.4 0.411 152.9 2.665 18. 5 0.183 7.8 0.083 -143.2 8.5 0.415 150.4 2.647 17. 2 0.184 7.2 0.080 -147.3 8.6 0.415 148.5 2.627 15. 7 0.186 6.3 0.079 -152.0 8.7 0.416 146.3 2.594 14. 4 0.187 5.5 0.076 -157.6 8.8 0.417 144.5 2.573 13. 1 0.188 4.8 0.074 -162.5 8.9 0.418 142.4 2.549 11. 7 0.190 4.1 0.072 -167.0 9.0 0.424 140.7 2.522 10. 4 0.191 3.4 0.072 -173.6 9.1 0.423 138.8 2.496 9. 3 0.193 2.8 0.071 -179.9 9.2 0.429 136.8 2.479 8.0 0.194 1.8 0.073 175.4 9.3 0.431 135.2 2.451 6.6 0.196 1.3 0.072 169.3 9.4 0.436 133.2 2.434 5.3 0.197 0.7 0.075 164.2 9.5 0.436 130.9 2.408 4. 1 0.197 -0.2 0.075 159.5 9.6 0.442 129.1 2.390 2. 6 0.200 -0.9 0.078 155.2 9.7 0.444 126.8 2.370 1. 2 0.201 -1.5 0.081 149.7 9.8 0.446 125.4 2.345 0. 1 0.203 -2.3 0.083 145.5 9.9 0.450 123.8 2.327 -1 .3 0.204 -3.1 0.087 140.3 10.0 0.458 121.9 2.295 -2 .5 0.205 -3.8 0.090 136.5 10.1 0.459 120.5 2.284 -3 .9 0.207 -4.5 0.095 132.5 10.2 0.462 119.0 2.260 -4 .9 0.208 -5.3 0.098 128.7 10.3 0.468 117.0 2.237 -6 .2 0.209 -6.0 0.103 125.0 10.4 0.474 115.2 2.219 -7 .3 0.211 -6.8 0.109 121.6 10.5 0.476 113.9 2.205 -8 .6 0.212 -7.4 0.112 118.9 10.6 0.479 112.3 2.175 - 10.0 0.213 -8.2 0.117 116.8 10.7 0.485 110.6 2.164 - 11.3 0.215 -9.0 0.121 114.4 10.8 0.490 109.1 2.148 - 12.5 0.216 -9.7 0.128 111.6 10.9 0.493 107.5 2.128 - 13.6 0.217 -10.5 0.133 108.7 11.0 0.496 106.0 2.106 - 14.9 0.219 -11.2 0.137 106.6 11.1 0.502 104.4 2.091 - 16.1 0.220 -11.9 0.143 104.6 11.2 0.505 103.0 2.071 - 17.2 0.221 -12.7 0.148 102.6 11.3 0.512 101.7 2.051 - 18.5 0.222 -13.5 0.153 100.6 11.4 0.514 99.8 2.038 - 19.8 0.224 -14.3 0.159 98.9 11.5 0.520 98.4 2.023 - 21.0 0.225 -15.0 0.165 96.7 11.6 0.528 97.1 2.007 - 22.1 0.227 -15.6 0.171 95.4 11.7 0.535 95.3 1.990 - 23.4 0.227 -16.7 0.176 93.3 11.8 0.540 94.5 1.977 - 24.6 0.229 -17.4 0.181 91.9 11.9 0.546 92.7 1.950 - 25.8 0.230 -18.2 0.187 90.6 12.0 0.549 91.2 1.947 - 27.1 0.232 -19.0 0.193 88.4
reference data ne3509m04 noise-parameter vds=2 v id=10ma freq fmin gammaopt rn/50 (ghz) (db) mag ang - 1.5 0.27 0.788 26.6 0.181 2.0 0.31 0.740 30.8 0.176 2.5 0.35 0.692 35.0 0.171 3.0 0.38 0.644 40.5 0.165 3.5 0.41 0.596 47.1 0.156 4.0 0.44 0.549 54.9 0.146 4.5 0.47 0.504 63.6 0.134 5.0 0.51 0.461 73.3 0.121 5.5 0.54 0.421 83.9 0.107 6.0 0.57 0.383 95.2 0.095 6.5 0.61 0.349 107.2 0.083 7.0 0.64 0.319 119.9 0.074 7.5 0.68 0.294 133.0 0.067 8.0 0.71 0.274 146.6 0.062 8.5 0.75 0.260 160.6 0.060 9.0 0.79 0.251 174.9 0.060 9.5 0.82 0.249 -170.7 0.063 10.0 0.86 0.255 -156.1 0.068 10.5 0.90 0.268 -141.5 0.076 11.0 0.94 0.290 -126.9 0.088 11.5 0.98 0.320 -112.4 0.106 12.0 1.02 0.359 -98.2 0.130
ne3509m04
4590 p a t r ick he n r y drive sa n t a c l ara , c a 950 5 4 - 18 1 7 telep h o n e : ( 408 ) 919 - 2 5 0 0 facsi m ile : ( 40 8 ) 988 - 02 7 9 subject : compliance with eu dir e ctive s cel certifies, to its kn o w ledge, that semicond u ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction o n use of hazardous substance s in electrical and electro n ic equipmen t (rohs) a n d the requi r e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-fre e products h a ve the sam e base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fr e e. the ?az suffix is us e d to design a te devices containing p b which are exempted from the requirement of r o hs directive (*). in all cases the d e vices have pb-free terminals. all devices with these suffixes meet the requir e ments of the rohs directive. this stat u s is based on cel?s understanding of t he eu directives and k n owledge of the materials that go into its p r oducts as o f the date of discl o s ure o f this infor m ation . r e s t ric t e d s u bs t a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n t ra t io n con t ai ned in cel devices - a - a z lead ( p b ) < 10 0 0 ppm no t de t e c t ed (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions re g a rding our d e vices and compliance t o environm e n ta l standards, p l ease do no t hesitate to contact your local representative. i mpor t an t i nf o rm a t ion and disclaimer : i n f or m atio n provided b y ce l on its w ebsite or i n other commun i cations concerti n g the sub s tanc e content of its pr o ducts represents kno w ledg e and b e lief as of t he date that it is provided. cel bases its kno w ledge a n d belief on in f o rm a t ion p r o v ided b y t h i r d pa rt ie s and m a k e s no r ep r e s en t a t ion o r w a rr an t y a s t o t he a cc u r ac y o f s u c h in f o rm a t ion . eff o rts a r e u nder w a y to b e tte r in t eg r a t e in f o rm a t ion fr o m t hi r d pa rt ie s. c e l ha s t a k en and c ont inu e s to take reason a ble steps t o p r o v ide r epr e s en t a t i v e and ac cu r a t e information but m a y not h a ve conducted destructive testing or c hemi c al anal y s is on in c oming m a terials and chemicals. cel and c e l s upplie rs c on s id e r c e rt ain in f o r m a t ion t o be p r o p r i e t ar y , and thus c as numbers an d other limited information m a y not be availa b le for release . in no event shall cel?s liabilit y ar i s ing out of such information e x ce e d the total purc h ase price of the cel par t ( s) at issue s old by c e l t o customer on an annual basis. see cel t e rms and conditions f o r additional c l arification of w a rra n t ies and liabilit y .


▲Up To Search▲   

 
Price & Availability of NE3509M04-T2-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X